|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
EVEREADY BATTERY CO. Internet: www.energizer.com 1-800-383-7323 / USA/ USA 1-800-383-7323 1-800-383-7323 / CANADA 1-800-383-7323 / CANADA + 44 (0) 208 920 2306 / EUROPE ENERGIZER NO. CR2320 Chemical System: Lithium / Manganese Dioxide (Li/MnO2 ) Battery Voltage: Average Weight: Volume: Average Capacity: Maximum Reverse Charge Current: Energy Density: 3.0 Volts 3.3 grams (0.10 oz.) 0.83 cubic centimeters (0.05 cubic inch) 135 mAh to 2.0 volts (Rated at 10k ohms continuous at 21C) 1 microampere 119 milliwatt hr/g, 472 milliwatt hr/cc Industry Standard Dimensions in mm (inches) TYPICAL DISCHARGE CURVE Simulated Test @ 21C (70F) 3.2 Closed Circuit Voltage 3.0 2.8 2.6 2.4 2.2 2.0 1.8 0 100 200 300 400 500 Service, Hours Simulated Application Test Estimated Average Service at 21C (70F) Typical Drains at 2.9V (microamperes) 290 Cutoff Voltage Load (ohms) 10,000 2.0V 476 Hours IR CHARACTERISTICS Pulse Test @ 21C (70F) 3.0 2.8 2.6 2.4 2.2 2.0 1.8 0 20 40 CCV BKGND Schedule: 24 hours/day INTERNAL RESISTANCE CHARACTERISTICS Pulse Test @ 21C (70F) Schedule: Continuous for background 2 seconds X 12 times/day for pulse Typical Background Drain @ 2.9V (milliamps): 0.29 milliamperes Typical Pulse Drain @ 2.6V (milliamps): 8.60 milliamperes Background Load: 10k ohms Pulse Load: 300 ohms 140 120 100 80 60 40 20 140 IR, Ohms PULSE IR 60 80 100 Capacity, mAh 120 Important Notice This data sheet contains information specific to batteries manufactured at the time of its publication. Contents herein do not constitute a warranty. Copyright (c) Eveready Battery Co. Inc. - All Rights Reserved Form No. EBC - 4121C Page 1 of 1 |
Price & Availability of CR2320 |